Part Number Hot Search : 
SMF51A 50000 2N5307 24012 HT6240 1N4757 AD8500 PT78N
Product Description
Full Text Search
 

To Download HERF1601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HERF1601G THRU HERF1608G
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 16.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
.185(4.7) .173(4.4) .124(3.16) . 11 8 ( 3 . 0 )
ITO-220AB
.406(10.3) .390(9.90)
.134(3.4)DIA .113(3.0)DIA
.272(6.9) .248(6.3)
.112(2.85) .100(2.55)
Mechanical Data
Cases: ITO-220AB molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MILSTD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/ 0.25" (6.35mm) from case for 10 seconds Mounting torque: 5 in - 1bs. max. Weight: 2.24 grams
.161(4.1) .146(3.7)
.606(15.5) .583(14.8)
.110(2.8) .098(2.5)
.030(0.76) .020(0.50)
.055(1.4) .043(1.1)
.543(13.8) .512(13.2)
.035(0.9) .020(0.5)
PIN 1 PIN 3 Positive CT PIN 2
.106(2.7) .094(2.4)
.106(2.7) .094(2.4)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HERF HERF HERF Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC =100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Operating Temperature Range Storage Temperature Range ( Note 2 ) Typical Thermal Resistance (Note 3)
HERF HERF HERF HERF HERF 1601G 1602G 1603G 1604G 1605G 1606G 1607G 1608G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Trr
50 35 50
100 200 300 400 600 800 1000 70 140 210 280 420 560 700 100 200 300 400 600 800 1000
16.0 125 1.0 1.3 10.0 400 50 80 1.5 -65 to +150 -65 to +150 80 50 1.7
V uA uA nS pF /W
Cj
RJC TJ TSTG
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 3. Mounted on Heatsink Size of 4 in x 6 in x 0.25 in Al-Plate..
- 304 -
RATINGS AND CHARACTERISTIC CURVES (HERF1601G THRU HERF1608G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
20 16 12 8 4 0 0 50 CASE TEMPERATURE. ( C)
o
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=125 0C
100
10
100
150
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
120 90 60 30
Tj=25 0C 8.3ms Single Half Sine Wave JEDEC Method
1
0.1
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
NUMBER OF CYCLES AT 60Hz
10
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
240 200
3.0 1.0
CAPACITANCE.(pF)
Tj=25 0C
0.3 0.1
160 120
HE RF 16 01 G~ HE 80 HE RF RF 16 160 05 6G G ~H 40 ER F1 608 G 0 1 2 5 10 20
0.03 .01 0.4 50 100 200 500 1000
HE RF 16 01 G~ HE RF H 16 ER 04 F1 G HE 60 RF 6G 16 ~H 05 ER G F1 60 8G
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
30
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
- 305 -


▲Up To Search▲   

 
Price & Availability of HERF1601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X